Part Number Hot Search : 
SSDF9510 A304ERU 120SC BCM20 M65533FP STRPB MMBZ5225 PC18B02
Product Description
Full Text Search
 

To Download M2764A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 M2764A
NMOS 64K (8K x 8) UV EPROM
FAST ACCESS TIME: 180ns EXTENDED TEMPERATURE RANGE SINGLE 5V SUPPLY VOLTAGE LOW STANDBY CURRENT: 35mA max TTL COMPATIBLE DURING READ and PROGRAM FAST PROGRAMMING ALGORITHM ELECTRONIC SIGNATURE PROGRAMMING VOLTAGE: 12V
28
1
FDIP28W (F)
DESCRIPTION The M2764A is a 65,536 bit UV erasable and electrically programmable memory EPROM. It is organized as 8,192 words by 8 bits. The M27C64A is housed in a 28 pin Window Ceramic Frit-Seal Dual-in-Line package. The transparent lid allows the user to expose the chip to ultraviolet light to erase the bit pattern. A new pattern can then be written to the device by following the programming procedure.
Figure 1. Logic Diagram
VCC
VPP
13 A0-A12
8 Q0-Q7
Table 1. Signal Names
A0 - A12 Q0 - Q7 E G P VPP VCC VSS Address Inputs Data Outputs Chip Enable Output Enable Program Program Supply Supply Voltage Ground
P E G
M2764A
VSS
AI00776B
March 1995
1/10
M2764A
Table 2. Absolute Maximum Ratings
Symbol TA TBIAS TSTG VIO VCC VA9 VPP Parameter Ambient Operating Temperature Temperature Under Bias Storage Temperature Input or Output Voltages Supply Voltage A9 Voltage Program Supply grade 1 grade 6 grade 1 grade 6 Value 0 to 70 -40 to 85 -10 to 80 -50 to 95 -65 to 125 -0.6 to 6.5 -0.6 to 6.5 -0.6 to 13.5 -0.6 to 14 Unit C C C V V V V
Note: Except for the rating "Operating Temperature Range", stresses above those listed in the Table "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only and operation of the device at these or any other conditions above those indicated in the Operating sections of this specification is not implied. Exposure to Absolute Maximum Rating conditions for extended periods may affect device reliability. Refer also to the SGS-THOMSON SURE Program and other relevant quality documents.
Figure 2. DIP Pin Connections
Read Mode The M2764A has two control functions, both of which must be logically satisfied in order to obtain data at the outputs. Chip Enable (E) is the power control and should be used for device selection. Output Enable (G) is the output control and should be used to gate data to the output pins, independent of device selection. Assuming that the addresses are stable, address access time (tAVQV) is equal to the delay from E to output (tELQV). Data is available at the outputs after the falling edge of G, assuming that E has been low and the addresses have been stable for at least tAVQV-tGLQV. Standby Mode The M2764A has a standby mode which reduces the maximum active power current from 75mA to 35mA. The M2764A is placed in the standby mode by applying a TTL high signal to the E input. When in the standby mode, the outputs are in a high impedance state, independent of the G input. Two Line Output Control Because EPROMs are usually used in larger memory arrays, the product features a 2 line control function which accommodates the use of multiple memory connection. The two line control function allows : a. the lowest possible memory power dissipation, b. complete assurance that output bus contention will not occur.
VPP A12 A7 A6 A5 A4 A3 A2 A1 A0 Q0 Q1 Q2 VSS
1 28 2 27 3 26 4 25 5 24 6 23 7 22 M2764A 21 8 20 9 19 10 18 11 17 12 16 13 15 14
AI00777
VCC P NC A8 A9 A11 G A10 E Q7 Q6 Q5 Q4 Q3
Warning: NC = Not Connected.
DEVICE OPERATION The seven modes of operations of the M2764A are listed in the Operating Modes table. A single 5V power supply is required in the read mode. All inputs are TTL levels except for VPP and 12V on A9 for Electronic Signature.
2/10
M2764A
DEVICE OPERATION (cont'd) For the most efficient use of these two control lines, E should be decoded and used as the primary device selecting function, while G should be made a common connection to all devices in the array and connected to the READ line from the system control bus. This ensures that all deselected memory devices are in their low power standby mode and that the output pins are only active when data is desired from a particular memory device. System Considerations The power switching characteristics of fast EPROMs require careful decoupling of the devices. The supply current, ICC, has three segments that are of interest to the system designer: the standby current level, the active current level, and transient current peaks that are produced by the falling and rising edges of E. The magnitude of the transient current peaks is dependent on the capacitive and inductive loading of the device at the output. The associated transient voltage peaks can be suppressed by complying with the two line output control and by properly selected decoupling capacitors. It is recommended that a 1F ceramic capacitor be used on every device between VCC and VSS. This should be a high frequency capacitor of low inherent inductance and should be placed as close to the device as possible. In addition, a 4.7F bulk electrolytic capacitor should be used between VCC and VSS for every eight devices. The bulk capacitor should be located near the power supply connection point. The purpose of the bulk capacitor is to overcome the voltage drop caused by the inductive effects of PCB traces. Programming When delivered (and after each erasure for UV EPROM), all bits of the M2764A are in the "1" state. Data is introduced by selectively programming "0s" into the desired bit locations. Although only "0s" will be programmed, both "1s" and "0s" can be present in the data word. The only way to change a "0" to a "1" is by ultraviolet light erasure. The M2764A is in the programming mode when VPP input is at 12.5V and E and P are at TTL low. The data to be programmed is applied, 8 bits in parallel, to the data output pins. The levels required for the address and data inputs are TTL. Fast Programming Algorithm Fast Programming Algorithm rapidly programs M2764A EPROMs using an efficient and reliable method suited to the production programming environment. Programming reliability is also ensured as the incremental program margin of each byte is continually monitored to determine when it has
Table 3. Operating Modes
Mode Read Output Disable Program Verify Program Inhibit Standby Electronic Signature
Note: X = VIH or VIL, VID = 12V 0.5%.
E VIL VIL VIL VIL VIH VIH VIL
G VIL VIH VIH VIL X X VIL
P VIH VIH VIL Pulse VIH X X VIH
A9 X X X X X X VID
VPP VCC VCC VPP VPP VPP VCC VCC
Q0 - Q7 Data Out Hi-Z Data In Data Out Hi-Z Hi-Z Codes Out
Table 4. Electronic Signature
Identifier Manufacturer's Code Device Code A0 VIL VIH Q7 0 0 Q6 0 0 Q5 1 0 Q4 0 0 Q3 0 1 Q2 0 0 Q1 0 0 Q0 0 0 Hex Data 20h 08h
3/10
M2764A
AC MEASUREMENT CONDITIONS
Input Rise and Fall Times Input Pulse Voltages Input and Output Timing Ref. Voltages 20ns 0.45V to 2.4V 0.8V to 2.0V
Figure 4. AC Testing Load Circuit
1.3V
1N914
Note that Output Hi-Z is defined as the point where data is no longer driven.
3.3k
Figure 3. AC Testing Input Output Waveforms
DEVICE UNDER TEST
2.0V 0.8V
AI00827
OUT CL = 100pF
2.4V
0.45V
CL includes JIG capacitance
AI00828
Table 5. Capacitance (1) (TA = 25 C, f = 1 MHz )
Symbol CIN COUT Parameter Input Capacitance Output Capacitance Test Condition VIN = 0V VOUT = 0V Min Max 6 12 Unit pF pF
Note: 1. Sampled only, not 100% tested.
Figure 5. Read Mode AC Waveforms
A0-A12 tAVQV E tGLQV G tELQV Q0-Q7
VALID tAXQX
tEHQZ
tGHQZ Hi-Z DATA OUT
AI00778
4/10
M2764A
Table 6. Read Mode DC Characteristics (1) (TA = 0 to 70 C or -40 to 85 C; VCC = 5V 5% or 5V 10%; VPP = VCC)
Symbol ILI ILO ICC ICC1 IPP VIL VIH VOL VOH Parameter Input Leakage Current Output Leakage Current Supply Current Supply Current (Standby) Program Current Input Low Voltage Input High Voltage Output Low Voltage Output High Voltage IOL = 2.1mA IOH = -400A 2.4 Test Condition 0 VIN VCC VOUT = VCC E = VIL, G = VIL E = VIH VPP = VCC -0.1 2 Min Max 10 10 75 35 5 0.8 VCC + 1 0.45 Unit A A mA mA mA V V V V
Note: 1. VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP.
Table 7A. Read Mode AC Characteristics (1) (TA = 0 to 70 C or -40 to 85 C; VCC = 5V 5% or 5V 10%; VPP = VCC)
Symbol Alt Parameter Address Valid to Output Valid Chip Enable Low to Output Valid Output Enable Low to Output Valid Chip Enable High to Output Hi-Z Output Enable High to Output Hi-Z Address Transition to Output Transition Test Condition Min tAVQV tELQV tGLQV tEHQZ (2) tGHQZ (2) tAXQX tACC tCE tOE tDF tDF tOH E = VIL, G = VIL G = VIL E = VIL G = VIL E = VIL E = VIL, G = VIL 0 0 0 M2764A -1 Max 180 180 65 55 55 0 0 0 -2, -20 Min Max 200 200 75 55 55 0 0 0 blank, -25 Min Max 250 250 100 60 60 ns ns ns ns ns ns Unit
Table 7B. Read Mode AC Characteristics (1) (TA = 0 to 70 C or -40 to 85 C; VCC = 5V 5% or 5V 10%; VPP = VCC)
Symbol Alt Parameter Address Valid to Output Valid Chip Enable Low to Output Valid Output Enable Low to Output Valid Chip Enable High to Output Hi-Z Output Enable High to Output Hi-Z Address Transition to Output Transition Test Condition Min tAVQV tELQV tGLQV tEHQZ
(2)
M2764A -3 Max 300 300 120 0 0 0 105 105 0 0 0 Min -4 Max 450 450 150 130 130 ns ns ns ns ns ns Unit
tACC tCE tOE tDF tDF tOH
E = VIL, G = VIL G = VIL E = VIL, G = VIL E = VIL E = VIL, G = VIL
tGHQZ (2) tAXQX
Notes: 1. VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP. 2. Sampled only, not 100% tested.
5/10
M2764A
Table 8. Programming Mode DC Characteristics (1) (TA = 25 C; VCC = 6V 0.25V; VPP = 12.5V 0.3V)
Symbol ILI ICC IPP VIL VIH VOL VOH VA9 Parameter Input Leakage Current Supply Current Program Current Input Low Voltage Input High Voltage Output Low Voltage Output High Voltage A9 Voltage IOL = 2.1mA IOH = -400A 2.4 11.5 12.5 E = VIL -0.1 2 Test Condition VIL VIN VIH Min Max 10 75 50 0.8 VCC + 1 0.45 Units A mA mA V V V V V
Note: 1. VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP.
Table 9. Programming Mode AC Characteristics (1) (TA = 25 C; VCC = 6V 0.25V; VPP = 12.5V 0.3V)
Symbol tAVPL tQVPL tVPHPL tVCHPL tELPL tPLPH tPLPH tPHQX tQXGL tGLQV tGHQZ (4) tGHAX Alt tAS tDS tVPS tVCS tCES tPW tOPW tDH tOES tOE tDFP tAH Parameter Address Valid to Program Low Input Valid to Program Low VPP High to Program Low VCC High to Program Low Chip Enable Low to Program Low Program Pulse Width (Initial) Program Pulse Width (Overprogram) Program High to Input Transition Input Transition to Output Enable Low Output Enable Low to Output Valid Output Enable High to Output Hi-Z Output Enable High to Address Transition 0 0 Note 2 Note 3 Test Condition Min 2 2 2 2 2 0.95 2.85 2 2 150 130 1.05 78.75 Max Units s s s s s ms ms s s ns ns ns
Notes: 1. VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP. 2. The Initial Program Pulse width tolerance is 1 ms 5%. 3. The length of the Over-program Pulse varies from 2.85 ms to 78.95 ms, depending of the multiplication value of the iteration counter. 4. Sampled only, not 100% tested.
6/10
M2764A
Figure 6. Programming and Verify Modes AC Waveforms
A0-A12 tAVPL Q0-Q7 tQVPL VPP tVPHPL VCC tVCHPL E tELPL P tPLPH G tQXGL tGHAX tGLQV tGHQZ DATA IN tPHQX DATA OUT VALID
PROGRAM
VERIFY
AI00779
Figure 7. Fast Programming Flowchart
DEVICE OPERATION (cont'd) been successfully programmed. A flowchart of the M2764A Fast Programming Algorithm is shown on the last page. The Fast Programming Algorithm utilizes two different pulse types: initial and overprogram. The duration of the initial P pulse(s) is 1ms, which will then be followed by a longer overprogram pulse of length 3ms by n (n is equal to the number of the initial one millisecond pulses applied to a particular M2764A location), before a correct verify occurs. Up to 25 one-millisecond pulses per byte are provided for before the overprogram pulse is applied. The entire sequence of program pulses and byte verifications is performed at VCC = 6V and VPP = 12.5V. When the Fast Programming cycle has been completed, all bytes should be compared to the original data with VCC = 5V and VPP = 5V. Program Inhibit Programming of multiple M2764A in parallel with different data is also easily accomplished. Except for E, all like inputs (including G) of the parallel M2764A may be common. A TTL low pulse applied to a M2764A's E input, with VPP at 12.5V, will program that M2764A. A high level E input inhibits the other M2764As from being programmed.
VCC = 6V, VPP = 12.5V
n=1
P = 1ms Pulse NO ++n > 25 YES NO VERIFY YES P = 3ms Pulse by n FAIL Last Addr NO ++ Addr
YES CHECK ALL BYTES VCC = 5V, VPP 5V
AI00775B
7/10
M2764A
Program Verify A verify should be performed on the programmed bits to determine that they were correctly programmed. The verify is accomplished with G = VIL, E = VIL, P = VIH and VPP = 12.5V. Electronic Signature The Electronic Signature mode allows the reading out of a binary code from an EPROM that will identify its manufacturer and type. This mode is intended for use by programming equipment to automatically match the device to be programmed with its corresponding programming algorithm. This mode is functional in the 25C 5C ambient temperature range that is required when programming the M2764A. To activate this mode, the programming equipment must force 11.5V to 12.5V on address line A9 of the M2764A. Two identifier bytes may then be sequenced from the device outputs by toggling address line A0 from VIL to VIH. All other address lines must be held at VIL during Electronic Signature mode. Byte 0 (A0 = VIL) represents the manufacturer code and byte 1 (A0 = VIH) the device identifier code. For the SGS-THOMSON M2764A, these two identifier bytes are given below. ERASURE OPERATION (applies to UV EPPROM) The erasure characteristic of the M2764A is such that erasure begins when the cells are exposed to light with wavelengths shorter than approximately 4000 A. It should be noted that sunlight and some type of fluorescent lamps have wavelengths in the 3000-4000 A range. Research shows that constant exposure to room level fluorescent lighting could erase a typical M2764A in about 3 years, while it would take approximately 1 week to cause erasure when exposed to direct sunlight. If the M2764A is to be exposed to these types of lighting conditions for extended periods of time, it is suggested that opaque labels be put over the M2764A window to prevent unintentional erasure. The recommended erasure procedure for the M2764A is exposure to short wave ultraviolet light which has wavelength 2537 A. The integrated dose (i.e. UV intensity x exposure time) for erasure should be a minimum of 15 W-sec/cm2. The erasure time with this dosage is approximately 15 to 20 minutes using an ultraviolet lamp with 12000 W/cm2 power rating. The M2764A should be placed within 2.5 cm (1 inch) of the lamp tubes during the erasure. Some lamps have a filter on their tubes which should be removed before erasure.
ORDERING INFORMATION SCHEME Example: M2764A -1 F 1
Speed and VCC Tolerance -1 -2 blank -3 -4 -20 -25 180 ns, 5V 5% 200 ns, 5V 5% 250 ns, 5V 5% 300 ns, 5V 5% 450 ns, 5V 5% 200 ns, 5V 10% 250 ns, 5V 10% F
Package FDIP28W
Temperature Range 1 6 0 to 70 -40 to 85 C
For a list of available options (Speed, VCC Tolerance, Package, etc...) refer to the current Memory Shortform catalogue. For further information on any aspect of this device, please contact SGS-THOMSON Sales Office nearest to you.
8/10
M2764A
FDIP28W - 28 pin Ceramic Frit-seal DIP, with window
Symb Typ A A1 A2 B B1 C D E E1 e1 e3 eA L S N
FDIP28W
mm Min Max 5.71 0.50 3.90 0.40 1.17 0.22 1.78 5.08 0.55 1.42 0.31 38.10 15.40 13.05 2.54 33.02 - - 16.17 3.18 1.52 7.11 - 4 28 15.80 13.36 - - 18.32 4.10 2.49 - 15 0.280 0.100 1.300 Typ
inches Min Max 0.225 0.020 0.154 0.016 0.046 0.009 0.070 0.200 0.022 0.056 0.012 1.500 0.606 0.514 - - 0.637 0.125 0.060 - 4 28 0.622 0.526 - - 0.721 0.161 0.098 - 15
A2 A1 B1 B e3 D S
N 1
A L eA C
e1
E1
E
FDIPW-a
Drawing is not to scale
9/10
M2764A
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of SGS-THOMSON Microelectronics.
(c) 1995 SGS-THOMSON Microelectronics - All Rights Reserved
SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - China - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A.
10/10


▲Up To Search▲   

 
Price & Availability of M2764A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X